Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 21Page - OSRAM GmbH TSL2568 Datasheet HTML 22Page - OSRAM GmbH TSL2568 Datasheet HTML 23Page - OSRAM GmbH TSL2568 Datasheet HTML 24Page - OSRAM GmbH TSL2568 Datasheet HTML 25Page - OSRAM GmbH TSL2568 Datasheet HTML 26Page - OSRAM GmbH TSL2568 Datasheet HTML 27Page - OSRAM GmbH TSL2568 Datasheet HTML 28Page - OSRAM GmbH TSL2568 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Principles of Operation
Control Register (0h)
The Control Register contains two bits and is primarily used to
power the TSL256x device up and down as shown in Figure 29.
Figure 29:
Control Register
Note(s):
1. If a value of 03h is written, the value returned during a read cycle will be 03h. This feature can be used to verify that the device is
communicating properly.
Timing Register (1h)
The Timing Register controls both the integration time and the
gain of the ADC channels. A common set of control bits is
provided that controls both ADC channels. The Timing Register
defaults to 02h at power on.
Figure 30:
Timing Register
Note(s):
1. This field only has meaning when INTEG = 11. It is ignored at all other times.
7
6
5432
10
Resv
Resv
Resv
Resv
Resv
Resv
POWER
Field
Bit
Description
Resv
7:2
Reserved. Write as 0.
POWER
1:0
Power up/power down. By writing a 03h to this register, the device is powered up.
By writing a 00h to this register, the device is powered down.(1)
7
6
5432
10
Resv
GAIN
Manual
Resv
INTEG
Field
Bit
Description
Resv
7:5
Reserved. Write as 0.
GAIN
4
Switches gain between low gain and high gain modes. Writing a 0 selects low gain
(1×); writing a 1 selects high gain (16×).
Manual
3
Manual timing control. Writing a 1 begins an integration cycle. Writing a 0 stops an
integration cycle.(1)
Resv
2
Reserved. Write as 0.
INTEG
1:0
Integrate time. This field selects the integration time for each conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com