Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 29Page - OSRAM GmbH TSL2568 Datasheet HTML 30Page - OSRAM GmbH TSL2568 Datasheet HTML 31Page - OSRAM GmbH TSL2568 Datasheet HTML 32Page - OSRAM GmbH TSL2568 Datasheet HTML 33Page - OSRAM GmbH TSL2568 Datasheet HTML 34Page - OSRAM GmbH TSL2568 Datasheet HTML 35Page - OSRAM GmbH TSL2568 Datasheet HTML 36Page - OSRAM GmbH TSL2568 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Application Information: Software
Configuring the Timing Register
The command, timing, and control registers are initialized to
default values on power up. Setting these registers to the
desired values would be part of a normal initialization or setup
procedure. In addition, to maximize the performance of the
device under various conditions, the integration time and gain
may be changed often during operation. The following pseudo
code illustrates a procedure for setting up the Timing Register
for various options:
// Set up Timing Register
//Low Gain (1x), integration time of 402ms (default value)
Address = 0x39
Command = 0x81
Data = 0x02
WriteByte (Address, Command, Data)
//Low Gain (1x), integration time of 101ms
Data = 0x01
WriteByte (Address, Command, Data)
//Low Gain (1x), integration time of 13.7ms
Data = 0x00
WriteByte (Address, Command, Data)
//High Gain (16x), integration time of 101ms
Data = 0x11
WriteByte (Address, Command, Data)
//Read data registers (see Basic Operation example)
//Perform Manual Integration
//Set up for manual integration with Gain of 1x
Data = 0x03
//Set manual integration mode – device stops converting
WriteByte (Address, Command, Data)
//Begin integration period
Data = 0x0B
WriteByte (Address, Command, Data)
//Integrate for 50ms
Sleep (50)
//Wait for 50ms
//Stop integrating
Data = 0x03
WriteByte (Address, Command, Data)
//Read data registers (see Basic Operation example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com