Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 22Page - OSRAM GmbH TSL2568 Datasheet HTML 23Page - OSRAM GmbH TSL2568 Datasheet HTML 24Page - OSRAM GmbH TSL2568 Datasheet HTML 25Page - OSRAM GmbH TSL2568 Datasheet HTML 26Page - OSRAM GmbH TSL2568 Datasheet HTML 27Page - OSRAM GmbH TSL2568 Datasheet HTML 28Page - OSRAM GmbH TSL2568 Datasheet HTML 29Page - OSRAM GmbH TSL2568 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
ams Datasheet
Page 25
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Principles of Operation
Integration time is dependent on the INTEG FIELD VALUE and
the internal clock frequency. Nominal integration times and
respective scaling between integration times scale
proportionally as shown in Figure 31. See note 4 and note 5 for
detailed information regarding how the scale values were
obtained; see Calculating Lux and Simplified Lux Calculation for
further information on how to calculate lux.
Figure 31:
Integration Time
The manual timing control feature is used to manually start and
stop the integration time period. If a particular integration time
period is required that is not listed in Figure 31, then this feature
can be used. For example, the manual timing control can be
used to synchronize the TSL256x device with an external light
source (e.g. LED). A start command to begin integration can be
initiated by writing a 1 to this bit field. Correspondingly, the
integration can be stopped by simply writing a 0 to the same
bit field.
INTEG Field Value
Scale
Nominal Integration Time
00
0.034
13.7ms
01
0.252
101ms
10
1
402ms
11
--
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com