Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 27Page - OSRAM GmbH TSL2568 Datasheet HTML 28Page - OSRAM GmbH TSL2568 Datasheet HTML 29Page - OSRAM GmbH TSL2568 Datasheet HTML 30Page - OSRAM GmbH TSL2568 Datasheet HTML 31Page - OSRAM GmbH TSL2568 Datasheet HTML 32Page - OSRAM GmbH TSL2568 Datasheet HTML 33Page - OSRAM GmbH TSL2568 Datasheet HTML 34Page - OSRAM GmbH TSL2568 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Principles of Operation
ADC Channel Data Registers (Ch − Fh)
The ADC channel data are expressed as 16-bit values spread
across two registers. The ADC channel 0 data registers,
DATA0LOW and DATA0HIGH provide the lower and upper bytes,
respectively, of the ADC value of channel 0. Registers
DATA1LOW and DATA1HIGH provide the lower and upper bytes,
respectively, of the ADC value of channel 1. All channel data
registers are read-only and default to 00h on power up.
Figure 37:
ADC Channel Data Registers
The upper byte data registers can only be read following a read
to the corresponding lower byte register. When the lower byte
register is read, the upper eight bits are strobed into a shadow
register, which is read by a subsequent read to the upper byte.
The upper register will read the correct value even if additional
ADC integration cycles end between the reading of the lower
and upper registers.
Note(s): The Read Word protocol can be used to read
byte-paired registers. For example, the DATA0LOW and
DATA0HIGH registers (as well as the DATA1LOW and DATA1HIGH
registers) may be read together to obtain the 16-bit ADC value
in a single transaction.
Register
Address
Bits
Description
DATA0LOW
Ch
7:0
ADC channel 0 lower byte
DATA0HIGH
Dh
7:0
ADC channel 0 upper byte
DATA1LOW
Eh
7:0
ADC channel 1 lower byte
DATA1HIGH
Fh
7:0
ADC channel 1 upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com