Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 20Page - OSRAM GmbH TSL2568 Datasheet HTML 21Page - OSRAM GmbH TSL2568 Datasheet HTML 22Page - OSRAM GmbH TSL2568 Datasheet HTML 23Page - OSRAM GmbH TSL2568 Datasheet HTML 24Page - OSRAM GmbH TSL2568 Datasheet HTML 25Page - OSRAM GmbH TSL2568 Datasheet HTML 26Page - OSRAM GmbH TSL2568 Datasheet HTML 27Page - OSRAM GmbH TSL2568 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
ams Datasheet
Page 23
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Principles of Operation
Command Register
The Command Register specifies the address of the target
register for subsequent read and write operations. The Send
Byte protocol is used to configure the Command Register. The
Command Register contains eight bits as described in
Figure 28. The Command Register defaults to 00h at power on.
Figure 28:
Command Register
Note(s):
1. An I²C block transaction will continue until the Master sends a stop condition. See Figure 25 and Figure 26. Unlike the I²C protocol,
the SMBus read/write protocol requires a Byte Count. All four ADC Channel Data Registers (Ch through Fh) can be read simultaneously
in a single SMBus transaction. This is the only 32-bit data block supported by the TSL2568 SMBus protocol. The BLOCK bit must be
set to 1, and a read condition should be initiated with a COMMAND CODE of 9Bh. By using a COMMAND CODE of 9Bh during an
SMBus Block Read Protocol, the TSL2568 device will automatically insert the appropriate Byte Count (Byte Count = 4) as illustrated
in Figure 26. A write condition should not be used in conjunction with the Bh register.
7
6
5432
10
CMD
CLEAR
WORD
BLOCK
ADDRESS
Field
Bit
Description
CMD
7
Select Command Register. Must write as 1.
CLEAR
6
Interrupt clear. Clears any pending interrupt. This bit is a write-one-to-clear bit. It is
self clearing.
WORD
5
SMB Write/Read Word Protocol. 1 indicates that this SMB transaction is using either
the SMB Write Word or Read Word protocol.
BLOCK
4
Block Write/Read Protocol. 1 indicates that this transaction is using either the Block
Write or the Block Read protocol. (1)
ADDRESS
3:0
Register Address. This field selects the specific control or status register for
following write and read commands according to Figure 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com