Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 38Page - OSRAM GmbH TSL2568 Datasheet HTML 39Page - OSRAM GmbH TSL2568 Datasheet HTML 40Page - OSRAM GmbH TSL2568 Datasheet HTML 41Page - OSRAM GmbH TSL2568 Datasheet HTML 42Page - OSRAM GmbH TSL2568 Datasheet HTML 43Page - OSRAM GmbH TSL2568 Datasheet HTML 44Page - OSRAM GmbH TSL2568 Datasheet HTML 45Page - OSRAM GmbH TSL2568 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
ams Datasheet
Page 41
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Application Information: Hardware
Power Supply Decoupling and Application
Hardware Circuit
The power supply lines must be decoupled with a 0.1μF
capacitor placed as close to the device package as possible
(Figure 38). The bypass capacitor should have low effective
series resistance (ESR) and low effective series inductance (ESI),
such as the common ceramic types, which provide a low
impedance path to ground at high frequencies to handle
transient currents caused by internal logic switching.
Figure 38:
Bus Pull-Up Resistors
Pull-up resistors (Rp) maintain the SDAH and SCLH lines at a high
level when the bus is free and ensure the signals are pulled up
from a low to a high level within the required rise time. For a
complete description of the SMBus maximum and minimum Rp
values, please review the SMBus Specification at
www.smbus.org/specs. For a complete description of I²C
maximum and minimum Rp values, please review the I²C
Specification at www.nxp.com.
A pull-up resistor (RPI) is also required for the interrupt (INT),
which functions as a wired-AND signal in a similar fashion to
the SCL and SDA lines. A typical impedance value between 10kΩ
and 100kΩ can be used. Please note that while Figure 38 shows
INT being pulled up to VDD, the interrupt can optionally be
pulled up to VBUS.
Application Information:
Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com