Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 2 Page - NXP Semiconductors

  SL2S3003TTFUD Datasheet HTML 1Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 2Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 3Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 4Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 5Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 6Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 7Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 8Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
1.1 Contactless energy and data transfer
The ICODE 3 can be operated at a distance of up to 1.5 m (gate width). No battery is needed.
The device is operated with easy-to-produce types of antennas1 for the 13.56 MHz carrier frequency.
When the smart label is positioned in the field of an interrogator antenna, the high-speed RF communication
interface enables data transmission at up to 212 kbit/s.
1.2 Anticollision
The anti-collision algorithm selects each tag individually. This ensures that the execution of a transaction with a
selected tag is performed without data corruption from other tags in the field.
1.3 Data protection
• Unique IDentifier (UID):
The UID guarantees the uniqueness of each label, and cannot be altered.
• Tag originality signature:
32-byte or 48-byte ECC-based originality signature.
• Password protected memory management (Read/Write access):
The user memory can be segmented into two pages. The read/write access rights can be defined for
each page. Only authorized users get read/write access to the protected parts of the user memory (anti
counterfeiting). READMULTIPLE BLOCK and (FAST) INVENTORY READ are compatible to ICODE SLIX 2.
• Password protected label Destroy:
The 32-bit Destroy password enables an addressed label to be destroyed with the DESTROY command. The
status is irreversible and the label never responds to any command again.
• Password-protected privacy modes:
ICODE 3 supports two privacy modes to hide the original UID. A 32-bit password is used to enable or disable
the privacy modes. This feature complies with the demand for data privacy.
• Password protected EAS and AFI functionality:
The 32-bit EAS/AFI password enables the addressed label to be set in a mode where the EAS status, the
EAS ID and/or the AFI value can only be changed if the correct EAS/AFI password is first transmitted with the
SET PASSWORD command.
• 24-bit counter:
The last block of the user memory is used for the 24-bit counter feature. The counter can be configured as a
command-based counter or as a NFC counter. The NFC counter automatically increases by one when tapped
with an NFC reader device.
1
For example, antennas made out of a few windings printed, winded, etched or punched coil.
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
2 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com