Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 9Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 10Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 11Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 12Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 13Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 14Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 15Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 16Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.2.1 Unique identifier
The 64-bit unique identifier (UID) is programmed during the production process according to ISO/IEC 15693-3
and cannot be changed afterward. For more information on the ISO standard, refer to [3].
The 64 bits are numbered according to ISO/IEC 15693-3 starting with LSB 1 and ending with MSB 64. This is in
contrast to the general used bit numbering within a byte.
The TAG type is a part of the UID (bits 41 to 48 next to the manufacturer code which is "04h" for NXP
Semiconductors).
The TAG type of the ICODE 3 IC is "01h".
Bits 39 to 36 are used to identify the UID as ICODE 3.
MSB
LSB
64:57
56:49
48:41
40:1
"E0"
"04"
"01"
IC manufacturer serial number
UID 7
UID 6
UID 5
UID 4
UID 3
UID 2
UID 1
UID 0
Table 6. Unique identifier
Bit 39 Bit 38 Bit 37 Bit 36
ICODE Type
0
1
0
0
ICODE 3
Table 7. Type indicator bits
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
13 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com