Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 66 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 62Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 63Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 64Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 65Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 66Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 67Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 68Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 69Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.24 PICK RANDOM ID
Command code = C2h
The PICK RANDOM ID instructs an ICODE 3 in privacy mode to generate a random ID. After a valid PICK
RANDOM ID command, the ICODE 3 responds with the random ID to INVENTORY commands or to Get
System Information command, until a power-on reset.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) not is supported.
SOF
Flags
PICK_RANDOM_ID
IC Mfg code
UID
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits optional
16 bits
-
Table 128. PICK_RANDOM_ID request format
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 129. PICK_RANDOM_ID response format when Error_flag set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
Table 130. PICK_RANDOM_ID response format when Error_flag NOT set
After a successful PICK_RANDOM_ID, the ICODE 3 responds to an INVENTORY command with a random ID
defined in Table 131.
MSB
LSB
64:57
56:49
48:41
40:33
32:25
24:17
16:1
"E0"
"04"
"00"
"00"
CID_1
CID_0
16-bit random ID
RID 7
RID 6
RID 5
RID 4
RID 3
RID 2
RID 1
RID 0
Table 131. Random ID
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
66 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com