Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 42 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 38Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 39Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 40Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 41Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 42Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 43Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 44Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 45Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.5 64-BIT PASSWORD PROTECTION
Command code = BBh
The 64-bit PASSWORD PROTECTION command instructs the Label IC that both the Read and Write
passwords are required to get access to password-protected blocks (pages). This mode can be enabled if the
Read and Write passwords have been transmitted first with a SET PASSWORD command.
If the 64-bit password protection is enabled, both passwords are required for read and write access to protected
blocks (pages).
Once the 64-bit password protection is enabled, a change back to 32-bit password protection (read and write
password) is not possible.
Note:
1. The retransmission of the passwords is not required after the execution of the 64-bit PASSWORD
PROTECTION command.
2. The 64-bit PASSWORD PROTECTION does not include the 16-bit counter block.
The timing of the command is write alike.
Also, setting the OTP_PWD64_EN to 1 with a WRITE CONFIG command to block 31 in the configuration
memory can enable the 64-bit PASSWORD PROTECTION. See Table 9 and Table 32.
SOF
Flags
64 BIT PAS
SWORD PROTEC
TION
IC Mfg code
UID
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits optional 16 bits
-
Table 63. 64-BIT PASSWORD PROTECTION request format
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 64. 64-BIT PASSWORD PROTECTION response format when Error_flag set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
Table 65. 64-BIT PASSWORD PROTECTION response format when Error_flag NOT set
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
42 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com