Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 43 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 39Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 40Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 41Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 42Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 43Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 44Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 45Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 46Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.6 PROTECT PAGE
Command code = B6h
The PROTECT PAGE command defines the protection pointer address of the user memory. The user memory
is divided into two arbitrarily sized pages. The command is used to define the access conditions for the two
pages.
The protection pointer address defines the base address of the higher user memory segment Page H. All block
addresses smaller than the protection pointer address are in the user memory segment Page L.
Table 66 shows an example of the user memory segmentation with the protection pointer address 20 (0x14).
Block
Byte 0
Byte 1
Byte 2
Byte 3
Description
0
1
2
:
:
:
:
:
18
19
Page L
20
21
:
:
:
:
:
77
78
Page H
79
C0
C1
0x00
Protection
Counter
Table 66. Memory organization
Note: If the protection pointer address is set to block 0, the entire user memory (block 0 to block 74) is defined
as Page H.
The access conditions and the protection pointer address can be changed under the following circumstances:
• The related passwords (Read and Write password) have been transmitted first with the SET PASSWORD
command.
• The page protection condition is not locked (see Section 8.5.3.7 "LOCK PAGE PROTECTION CONDITION").
The timing of the command is write alike.
SOF
Flags
PROTECT
PAGE
IC Mfg
code
UID
Protection
pointer
address
Extended
protection
status
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits
optional
8 bits
8 bits
16 bits
-
Table 67. POTECT PAGE request format
Remark: The label IC only accepts protection pointer address values from 0x00 (block 0) to 0x4A (block 74).
Block 75 (containing the 24-bit counter) is excluded from the standard user memory password protection
scheme.
Note: You can use the WRITE CONFIG command to block 20 in the configuration memory to write the
protection pointer address PPC_PNTR. See Table 9).
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
43 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com