Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 61 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 57Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 58Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 59Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 60Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 61Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 62Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 63Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 64Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.19 STAY QUIET PERSISTENT
Command code = BCh
When receiving the STAY QUIET PERSISTENT command, the label IC enters the persistent quiet state and
does not send back a response.
Note: The STAY QUIET PERSISTENT command has the same behavior as the mandatory STAY QUIET
command. The only difference is at reset (power off). If the power off time exceeds the persistent time, the label
IC switches to the ready state,.
When in PERSISTENT QUIET state:
• The label IC does not process any request where the Inventory_flag is set, except:
– If the AFI_flag is set, or
– If the QUIET and PERSTENT QUIET flags in the extended mode of the (Fast) Inventory command are both
set.
• The label IC processes any EAS ALARM request, and any addressed or selected request.
The label IC exits the persistent quiet state when:
• Reset (power off) exceeds the persistent time.
• Receiving a SELECT request. The IC goes to the Selected state.
• Receiving a RESET TO READY request. The IC goes to the Ready state.
The STAY QUIET PERSISTENT command must be executed in addressed mode (Select_flag is set to 0 and
Address_flag is set to 1).
SOF
Flags
STAY QUIET PER
SISTENT
IC Mfg code
UID
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits optional 16 bits
Table 114. STAY PERSISTENT QUIET request format
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
61 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com