Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 45Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 46Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 47Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 48Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 49Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 50Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 51Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 52Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
The INVENTORY READ command can be transmitted also in the addressed or selected mode ( Addressed and
selected mode ).
The number of blocks in the request is one less than the number of blocks that the ICODE 3 IC returns in the
response.
If the Option flag in the request is set to logic 0 the response contains:
SOF
Flags
Data
CRC16
EOF
-
8 bits
Block length
16 bits
-
Repeated as needed
Table 82. INVENTORY READ response format: Option flag logic 0
The ICODE 3 IC reads the requested block(s) and sends back their value in the response. The mechanism and
timing of the INVENTORY READ command are similar to the INVENTORY command described in clause 8 of
ISO/IEC 15693-3.
If the Option flag in the request is set to logic 1, the response contains:
SOF
Flags
Rest of UID which is not part of the
mask and slot number
Data
CRC16
EOF
-
8 bits
0 to 64 bit
Block length
16 bits
-
Multiple of 8 bits
Repeated as needed
Table 83. INVENTORY READ response format: Option flag logic 1
The ICODE 3 IC reads the requested block(s) and sends back their value in the response. The bytes of the UID,
which are not parts of the mask, and the slot number in case of 16 slots, are returned. Instead of padding with
zeros up to the next byte boundary, the corresponding bits of the UID are returned. The mechanism and timing
of the INVENTORY READ command are similar to the INVENTORY command described in clause 8 of ISO/IEC
15693-3.
Note: The number of bits of the re-transmitted UID are calculated as:
• 16 slots: 60 bits (bit 64 to bit 4) - mask length rounded up to the next byte boundary
• 1 slot: 64 bits - mask length rounded up to the next byte boundary
If the sum of the first block number and number of blocks exceeds the total number available user blocks, the
number of transmitted blocks is less than the requested number of blocks. The last returned block is the highest
available user block, followed by the 16-bit CRC and the EOF.
Example: mask length = 30 bits
Returned: bit 64 to bit 4 (30 bits) = 30 gives 4 bytes
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
UID
-
transmitted by interrogator
mask value including padding with zeros
returned value
transmitted by
ICODE 3 IC
Table 84. Example: mask length = 30
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
49 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com