Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 65 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 61Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 62Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 63Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 64Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 65Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 66Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 67Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 68Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.23 READ TT
Command code = C4h
The READ TT command is only supported by the ICODE 3 TagTamper (SL2S3003TT).
The READ TT command provides the information about the TagTamper status. The status is detected when the
label IC is powered by an RF field. The response on The READ TT includes:
• One byte about the actual status of the TagTamper wire detected at start-up, and
• One byte with the stored TagTamper Status depending whether the OTP_TT_EN bit has been set or not, and
if a previous TagTamper event has been detected.
Option 0 (Option flag not set) is supported.
SOF
Flags
READ TT
IC Mfg code
UID
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits optional 16 bits
-
Table 124. READ TT request format
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 125. READ TT response format when Error_flag set
SOF
Flags
Actual TT Status
Stored TT Status
CRC16
EOF
-
8 bits
8 bits
8 bit
16 bits
-
Table 126. READ TT response format when Error_flag NOT set
For the the details on the Actual and Stored TT Status byte refer to Table 127.
Byte
ASCII
Actual TT Status
Stored TT STAUS
0x4F
'O'
Open
Open
0x43
'C'
Closed
Closed
0x49
'I'
Invalid
-
0x45
'E'
-
Storing of the internal Stored TagTamper
Status failed during startup (at the first
detected open TagTamper event at startup)
0x30
'0'
Show Actual TagTamper Status is not
enabled by the TT_SHOW_STATUS bits
Store TagTamper Status is not enabled
with the OTP_TT_EN or show Stored Tag
Tamper Status is not enabled by the TT_
SHOW_STATUS bits
Table 127. Actual and Stored TagTamper Status response status bytes
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
65 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com