Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 56 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 52Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 53Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 54Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 55Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 56Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 57Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 58Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 59Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.15 EAS ALARM
Command code = A5h
The EAS ALARM command can be used in the following configurations:
• Option flag is set to 0:
EAS ID mask length and the EAS ID value are not transmitted.
If the EAS mode is enabled, the EAS response is returned from the ICODE 3 IC.
• Option flag is set to 1:
Within the command, the EAS ID mask length must be transmitted to identify how many bits of the following
EAS ID value are valid (multiple of 8 bits). If the EAS Mode is set, the ICODE 3 TagTamper ICs respond. The
response includes the EAS sequence corresponding to the data in the EAS ID configuration (selective EAS).
If the EAS ID mask length is set to 0, the ICODE 3 IC responds with its EAS ID.
SOF
Flags
EAS
ALARM
IC Mfg code UID
EAS ID mask
length
EAS ID value
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits
optional
8 bits optional
0, 8 or 16 bits
optional
16 bits
-
Table 99. EAS ALARM Request format
If an error is detected, the ICODE 3 IC remains silent.
Option flag is set to logic 0 or Option flag is set to logic 1 and the EAS ID mask length is not equal to 0:
SOF
Flags
EAS sequence
CRC16
EOF
-
8 bits
256 bits
16 bits
-
Table 100. EAS ALARM Response format (Option flag logic 0)
EAS sequence (starting with the LSB, which is transmitted first; read from left to right):
11110100 11001101 01000110 00001110 10101011 11100101 00001001 11111110
00010111 10001101 00000001 00011100 01001011 10000001 10010010 01101110
01000001 01011011 01011001 01100001 11110110 11110101 11010001 00001101
10001111 00111001 10001011 01001000 10100101 01001110 11101100 11110111
Option flag is set to logic 1 and the EAS ID mask length is equal to 0:
SOF
Flags
EAS ID value
CRC16
EOF
-
8 bits
16 bits
16 bits
-
Table 101. EAS ALARM Response format (Option flag logic 1)
If the EAS mode is disabled, the ICODE 3 IC remains silent. See RESET EAS command in Section 8.5.3.13
"RESET EAS".
Note: Labels in the QUIET state do not respond to an EAS ALARM command except if the addressed flag is
set. Labels in the PERSISTANT QUIET mode respond even if the addressed flag is not set (refer to Section 8.4
"State diagram").
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
56 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com