Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 6Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 7Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 8Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 9Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 10Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 11Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 12Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 13Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Parameter
Value
Height uniformity
within a die
±2 μm
within a wafer
±3 μm
wafer to wafer
±4 μm
Bump flatness
±1.5 μm
Bump size
LA, LB
80 μm × 80 μm
TEST, GND
80 μm × 80 μm
variation
±5 μm
Under bump metallization
sputtered TiW
Table 3. Wafer specification...continued
7.1.1 Fail die identification
No ink dots are applied to the wafer.
Electronic wafer mapping (SECS II format) covers the electrical test results and additionally the results of
mechanical/visual inspection.
See [5].
7.1.2 Map file distribution
See [5].
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
10 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com