Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TTFUD Datasheet(PDF) 60 Page - NXP Semiconductors

Part # SL2S3003TTFUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 56Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 57Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 58Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 59Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 60Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 61Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 62Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 63Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Bit
Name
Feature
1 (LSB)
AFI
AFI lock bit
2
EAS
EAS lock bit
3
DSFID
DSFID lock bit
4
PPL
Password protection pointer address and access conditions lock bit
5-8 (MSB)
-
RFU
Table 112. Lock bits
Bit
Name
Feature
1 (LSB)
UM PP
User memory password protection supported (refer to Section 8.5.3.6 "PROTECT
PAGE")
2
COUNTER
Counter feature supported
3
EAS ID
EAS ID supported by EAS ALARM command (refer to Section 8.5.3.17 "WRITE
EAS ID")
4
EAS PP
EAS password protection supported (refer to Section 8.5.3.16 "PASSWORD
PROTECT EAS/AFI")
5
AFI PP
AFI password protection supported (refer to Section 8.5.3.16 "PASSWORD
PROTECT EAS/AFI")
6
INVENTORY READ
EXT
Extended mode supported by INVENTORY READ command (refer to
Section 8.5.3.10 "INVENTORY READ")
7
EAS IR
EAS selection supported by extended mode in INVENTORY READ command
(refer to Section 8.5.3.10 "INVENTORY READ")
8
CID
Customer ID (CID) supported
9
ORIGINALITY SIG READ SIGNATURE command supported (refer to Section 8.5.3.20 "READ
SIGNATURE")
10
TAGTAMPER
TagTamper feature supported (refer to Section 8.2.3.2 "TagTamper feature
(SL2S3003TT)")
11
P QUIET
STAY QUIET PERSISTENT command supported (refer to Section 8.5.3.19)
12
NFC MIRROR
NFC mirror feature supported (refer to Section 8.2.3.3 "NFC ASCII mirror feature")
13
PRIVACY
ENABLE PRIVACY command supported (refer to Section 8.5.3.9 "ENABLE
PRIVACY")
14
DESTROY
DESTROY command supported (refer to Section 8.5.3.8 "DESTROY")
15
WRITE CID
Programming of the Customer ID (CID) supported
16
HIGH DATA RATES High data rates are supported (refer to Section 8.5.2.13 "FAST READ MULTIPLE
BLOCK"
17 - 31
-
RFU
32 (MSB)
EXT
Additional 32 bits feature flags are transmitted
Table 113. Feature flags bits
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
60 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com