Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  HCS12H Datasheet HTML 1Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 2Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 3Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 4Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 5Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 6Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 7Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 8Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Feature Detail
16-bit Microcontroller HCS12H Family, Rev. 11.1
Freescale Semiconductor
3
PRELIMINARY
– Programmable period and duty cycle for each channel
– Pairs of 8-bit channels can be concatenated as one 16-bit channel
– Center-aligned or left-aligned outputs
– Wide range of programmable clock frequencies
– Fast emergency shutdown input
•
Serial interfaces
– Up to two asynchronous Serial Communications Interfaces (SCI)
– Synchronous Serial Peripheral Interface (SPI)
– Inter-IC Bus Interface (IIC)
•
Liquid Crystal Display (LCD) driver
– Up to 32 frontplanes and 4 backplanes
– 5 modes of operation allow for different display sizes to meet application requirements
– Programmable frame clock generator and bias voltage level
•
16 or 24 high current drivers suited for PWM motor control
– Each PWM channel switchable between two drivers in an H-bridge configuration
– Support for sine and cosine drive
– 11-bit resolution with selectable dithering function
– Left, right or center aligned outputs
– Slew rate control
•
Up to four Stepper Stall Detectors (SSD) - available on selected devices
– Flexible full step and polarity set up to return the pointer to its reset position in clockwise or
counter clockwise direction.
– Integrator/Sigma Delta converter circuit to measure the induced voltage by the back EMF of
unpowered coil during full step (only one of the two motor coils is powered) operation.
– 16-Bit Down Counter to monitor blanking and integration time to support stepper motors with
different gear ratios.
– 16-Bit accumulator register to read integration value, compare to a threshold at the end of
integration time, and decide if the motor is stalled under this value or moving above this value.
•
Operating Frequency
– 32Mhz equivalent to 16Mhz Bus Speed (Only 9S12H256)
– 50Mhz equivalent to 25Mhz Bus Speed (Except 9S12H256)
•
80-Pin, 112-Pin or 144-Pin QFP package
– I/O lines with 5V input and drive capability
– 5V A/D converter inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com