Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  HCS12H Datasheet HTML 1Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 2Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 3Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 4Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 5Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 6Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 7Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 8Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
16-bit Microcontroller HCS12H Family, Rev. 11.1
2
Freescale Semiconductor
PRELIMINARY
Feature Detail
Feature Detail
NOTE
Not all features listed here are available in all configurations. For a quick
overview refer to Table 1.
•
HCS12 Core
– HCS12 16-bit CPU
• Upward compatible with M68HC11 instruction set
• Interrupt stacking and programmer’s model identical to M68HC11
• Instruction queue
• Enhanced indexed addressing
– HCS12 MEBI (Multiplexed Expanded Bus Interface)
– HCS12 MMC (Module Mapping Control)
– HCS12 INT (Interrupt Control)
– HCS12 BKP (On-chip Breakpoints)
– HCS12 BDM (Single-wire Background Debug™ Mode)
•
Memory options
– 32K, 64K, 128K, 256K byte Flash EEPROM or 64K, 128K, 192K and 256K byte ROM
– 2K, 4K, 6K, 8K, 12K byte RAM
– 2K, 4K byte EEPROM on Flash versions only
•
8-bit and 4-bit ports with Interrupt capability
– Digital filtering
– Programmable rising or falling edge trigger
•
Clock Reset Generator (CRG)
– Low current Colpitts or Pierce oscillator (0.5 to 16Mhz reference clock)
– Phase-locked loop clock frequency multiplier
– Windowed COP watchdog and Clock Monitor resets
– Real Time Interrupt
•
Up to 16-channels Analog-to-Digital Converter (ADC)
– 10-bit resolution
– External conversion trigger capability
•
Up to two 1M bit per second, CAN 2.0 A, B software compatible modules (MSCAN12)
– Five receive and three transmit buffers
– Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
– Four separate interrupt channels for Rx, Tx, error and wake-up
– Low-pass filter wake-up function
– Loop-back for self test operation
•
Timer (TIM)
– 16-bit main counter with 7-bit prescaler
– Eight programmable input capture or output compare channels
– Two 8-bit or one 16-bit pulse accumulators
•
Up to six Pulse Width Modulator (PWM) channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com