Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button HCS12H Datasheet HTML 13Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 14Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 15Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 16Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 17Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 18Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 19Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 20Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Pin Assignments
16-bit Microcontroller HCS12H Family, Rev. 11.1
Freescale Semiconductor
17
PRELIMINARY
PU1
M0C0P

Function 1: Port U general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 0.
PWM output on M0C0M results in a positive current flow
through coil 0 when M0C0P is driven to a logic high state.
PU0
M0C0M

PV7
M3C1P

Function 1: Port V general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 3.
PWM output on M3C1M results in a positive current flow
through coil 1 when M3C1P is driven to a logic high state.
PV6
M3C1M

PV5
M3C0P

Function 1: Port V general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 3.
PWM output on M3C0M results in a positive current flow
through coil 0 when M3C0P is driven to a logic high state.
PV4
M3C0M

PV3
M2C1P

Function 1: Port V general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 2.
PWM output on M2C1M results in a positive current flow
through coil 1 when M2C1P is driven to a logic high state.
PV2
M2C1M

PV1
M2C0P

Function 1: Port V general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 2.
PWM output on M2C0M results in a positive current flow
through coil 0 when M2C0P is driven to a logic high state.
PV0
M2C0M

PW7
M5C1P

Function 1: Port W general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 5.
PWM output on M5C1M results in a positive current flow
through coil 1 when M5C1P is driven to a logic high state.
PW6
M5C1M

PW5
M3C0P

Function 1: Port W general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 5.
PWM output on M5C0M results in a positive current flow
through coil 0 when M5C0P is driven to a logic high state.
PW4
M5C0M

PW3
M4C1P

Function 1: Port W general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 4.
PWM output on M4C1M results in a positive current flow
through coil 1 when M4C1P is driven to a logic high state.
PW2
M4C1M

PW1
M4C0P

Function 1: Port W general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 4.
PWM output on M4C0M results in a positive current flow
through coil 0 when M4C0P is driven to a logic high state.
PW0
M4C0M

VLCD

Supply input pin for the LCD driver. Adjusting the voltage on
this pin will change the display contrast.
Table 2 Pin Descriptions
Note: Features shown in bold are not available in the 9S12H256 112 pin QFP package.
Note: Features shown in Italics are only available for the “Z” versions
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com