Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button HCS12H Datasheet HTML 9Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 10Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 11Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 12Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 13Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 14Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 15Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 16Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Pin Assignments
16-bit Microcontroller HCS12H Family, Rev. 11.1
Freescale Semiconductor
13
PRELIMINARY
Table 2 Pin Descriptions
Note: Features shown in bold are not available in the 9S12H256 112 pin QFP package.
Note: Features shown in Italics are only available for the “Z” versions
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Description
EXTAL

Crystal driver and external clock input pins. On reset all the
device clocks are derived from the EXTAL input frequency.
XTAL is the crystal output
XTAL

RESET

Active low bidirectional control signal that acts as an input to
initialize the MCU to a known start-up state, and an output
when an internal MCU function causes a reset.
TEST

Test Input
BKGD
TAGHI
MODC
Function 1: Pseudo-open-drain communication pin for the
background debug function.
Function 2: In MCU expanded modes of operation when in-
struction tagging is on, an input low on this pin during the falling
edge of E-clock tags the high half of the instruction word being
read into the instruction queue.
Function 3: At the rising edge during reset, the state of this pin
is latched to the MODC bit to set the MCU operating mode.
PAD[15:8]
AN[15:8]

Function 1: Port AD general purpose inputs
Function 2: Analog inputs (ATD)
PAD[7:0]
AN[7:0]
KWAD[7:0]
Function 1: Port AD general purpose inputs
Function 2: Analog inputs (ATD)
Function 3: Key wake-up input pins that can generate an inter-
rupt causing the MCU to exit STOP or WAIT mode.
PA[7:0]
FP[15:8]
ADDR[15:8]/D
ATA[15:8]
Function 1: Port A general purpose input or output pins.
Function 2: LCD frontplane segment driver output pin.
Function 3: In MCU expanded modes of operation, these pins
are used for the multiplexed external address and data bus.
PB[7:0]
FP[7:0]
ADDR[7:0]/DA
TA[7:0]
Function 1: Port B general purpose input or output pins.
Function 2: LCD frontplane segment driver output pin.
Function 3: In MCU expanded modes of operation, these pins
are used for the multiplexed external address and data bus.
PE7
FP22
XCLKS
NOACC
Function 1: Port E general purpose input or output pin
Function 2: LCD frontplane segment driver output pin
Function 3: The XCLKS signal selects between an external
clock or oscillator configuration during reset. This pin should
be at a logic high during reset if an external clock is used on
the EXTAL input pin. This pin should be at a logic low during
reset if an oscillator circuit is configured on EXTAL and XTAL.
Since this pin is an input with a pull-down device during reset,
if the pin is left floating, the default configuration is an
oscillator circuit on EXTAL and XTAL.
Function 4: During MCU expanded modes of operation, the
NOACC signal, when enabled, is used to indicate that the
current bus cycle is an unused or “free” cycle. This signal will
assert when the CPU is not using the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com