Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  HCS12H Datasheet HTML 1Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 2Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 3Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 4Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 5Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 6Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 7Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 8Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Feature Detail
16-bit Microcontroller HCS12H Family, Rev. 11.1
Freescale Semiconductor
5
PRELIMINARY
2 inputs provide Interrupt capability (IRQ, XIRQ).
112 Pin Package for 9HZ256, 9HZ128, 3HZ128 and 3HN128 Versions:
Port A = 8, B = 8, E = 6 + 2 input only, K = 5, L = 8, M = 5, P = 6, S = 6, T = 8, U = 8, V = 8,
PAD = 8.
10 inputs provide Interrupt capability (AD = 8, IRQ, XIRQ).
112 Pin Package for 9HZ64, 9HN64, 3HZ64 and 3HN64 Versions:
Port A = 8, B = 4, E = 4 + 1 input only, K = 5, L = 4, M = 2, P = 4, S = 5, T = 8, U = 8, V = 8,
PAD = 8.
9 inputs provide Interrupt capability (AD = 8, XIRQ).
80 Pin Package for 9HZ64, 9HN64, 3HZ32 and 3HN32 Versions:
Port A = 8, B = 4, E = 4 + 1 input only, K = 5, M = 2, P = 4, S = 5, T = 4, U = 8, V = 8, PAD = 7.
8 inputs provide Interrupt capability (AD = 7, XIRQ).
•
Compatibility Considerations
– Pins associated with Motors 0 and 5 should be left unconnected to ensure compatibility with
versions featuring 4 Motors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com