Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button HCS12H Datasheet HTML 3Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 4Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 5Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 6Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 7Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 8Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 9Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 10Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Block Diagram
16-bit Microcontroller HCS12H Family, Rev. 11.1
Freescale Semiconductor
7
PRELIMINARY
Figure 2. MC9S12H-Family “Z” Version Block Diagram
EXTAL
XTAL
BKGD
XIRQ
Periodic Interrupt
COP Watchdog
Clock Monitor
Breakpoints
PLL
XFC
IRQ
ECLK
PA4
PA3
PA2
PA1
PA0
PA7
PA6
PA5
TEST
PB4
PB0
PB7
PB6
FP4
FP3
FP2
FP1
FP0
FP7
FP6
PE4
PE5
PE6
PE0
PE1
IOC2
IOC6
IOC0
IOC7
IOC1
IOC3
IOC4
IOC5
RXD1
TXD1
MISO
MOSI
PS4
PS5
PS0
PS1
PK3
PK7
PK0
PK1
SCK
SS
PS6
PS7
SPI
RXCAN0
TXCAN0
PM2
PM3
PK2
FP12
FP11
FP10
FP9
FP8
FP15
FP14
BP0
BP1
BP2
BP3
FP23
PL3
PL2
PL1
PL0
FP19
FP18
FP17
FP16
PE7
PE3
PE2
FP22
FP21
FP20
VLCD
VLCD
LCD
SCI1
CAN0
MODB
MODA
RESET
VDDPLL
VSSPLL
CPU12
Clock and
Reset
Generation
Module
FP13
PB5
PB3
PB2
PB1
FP5
PIX0
PIX1
PIX2
PIX3
ADDR0
ADDR1
ADDR2
ADDR3
ADDR4
ADDR5
ADDR6
ADDR7
ADDR8
ADDR9
ADDR10
ADDR11
ADDR12
ADDR13
ADDR14
ADDR15
PT0
PT1
PT2
PT3
PT4
PT5
PT6
PT7
FP24
FP25
FP26
FP27
AN2
AN6
AN0
AN7
AN1
AN3
AN4
AN5
PAD3
PAD4
PAD5
PAD6
PAD7
PAD0
PAD1
PAD2
VRH
VRL
VDDA1,2
VSSA1,2
Analog to
Digital
Converter
VRH
VRL
VDDA
VSSA
256K, 128K Bytes Flash EEPROM or ROM
2K Bytes EEPROM
12K, 8K, 6K Bytes RAM
DATA15
DATA14
DATA13
DATA12
DATA11
DATA10
DATA9
DATA8
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Multiplexed
Wide
Bus
Multiplexed
Narrow
Bus
ECS/ROMCTL
XADDR14
XADDR15
XADDR16
XADDR17
NOACC/XCLKS
LSTRB/TAGLO
R/W
VDDR
VDD1
VSS1,2
Voltage Regulator
Input Capture and
Output Compare
Timer
SDA
SCL
IIC
Driver
PL7
PL6
PL5
PL4
FP31
FP30
FP29
FP28
System
Integration
Module
Single-Wire Background
Debug Module
RXCAN1
TXCAN1
PM4
PM5
CAN1
M0C0M
M0C0P
PU0
PU1
PWM0
SSD0
MOTOR0 and MOTOR1 Supply
VDDM1,2
VSSM1,2
M0C1M
M0C1P
PU2
PU3
PWM1
M1C0M
M1C0P
PU4
PU5
PWM2
SSD1
M1C1M
M1C1P
PU6
PU7
PWM3
VDDX1,2
VSSX1,2
VSSPLL
PLL 2.5V
I/O Driver 5V
A/D Converter 5V &
VDDPLL
VDD1
VSS1,2
Internal Logic 2.5V
VDDA
VSSA
VDDR
Vreg Input 5V
Supply pins
Voltage Regulator
Reference
Pulse
Width
Modulator
PW2
PW0
PW1
PW3
PW4
PW5
PP3
PP4
PP5
PP0
PP1
PP2
RXD0
TXD0
SCI0
AN10
AN14
AN8
AN15
AN9
AN11
AN12
AN13
AN10
AN14
AN8
AN15
AN9
AN11
AN12
AN13
KWAD2
KWAD6
KWAD0
KWAD7
KWAD1
KWAD3
KWAD4
KWAD5
M0COSM
M0COSP
M0SINM
M0SINP
M1COSM
M1COSP
M1SINM
M1SINP
M2C0M
M2C0P
PV0
PV1
PWM4
SSD2
MOTOR2 and MOTOR3 Supply
VDDM2,3
VSSM2,3
M2C1M
M2C1P
PV2
PV3
PWM5
M3C0M
M3C0P
PV4
PV5
PWM6
SSD3
M3C1M
M3C1P
PV6
PV7
PWM7
M2COSM
M2COSP
M2SINM
M2SINP
M3COSM
M3COSP
M3SINM
M3SINP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com