Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  HCS12H Datasheet HTML 1Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 2Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 3Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 4Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 5Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 6Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 7Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 8Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Freescale Semiconductor, Inc., 2004. All rights reserved.
PRELIMINARY
Freescale Semiconductor
Product Brief
S12HFAMPP
Rev. 11.1, 17-Aug-2004
16-bit Microcontroller HCS12H
Family
Introduction
Designed for automotive instrumentation applications, all members of the MCS12H-Family of
microcontroller units (MCU) are composed of standard on-chip peripherals including a 16-bit central
processing unit (CPU12), up to 256K bytes of Flash EEPROM or ROM, up to 12K bytes of RAM, up to 4K
bytes of EEPROM on Flash parts, one or two asynchronous serial communications interfaces (SCI), a
serial peripheral interface (SPI), an IIC-bus interface (IIC), an 8-channel 16-bit timer (TIM), a 16-channel,
10-bit analog-to-digital converter (ADC), up to six-channel pulse width modulator (PWM), and up to two
CAN 2.0 A, B software compatible modules. In addition, they feature a 32x4 liquid crystal display (LCD)
controller/driver and a motor pulse width modulator (MC) consisting of up to 24 high current outputs suited
to drive up to six stepper motors, and on selected devices, up to four stepper stall detectors (SSD) to
simulataneously calibrate the pointer reset position of each motor. The MCS12H-Family has full 16-bit
data paths throughout. The inclusion of a PLL circuit allows power consumption and performance to be
adjusted to suit operational requirements. In addition to the I/O ports available in each module, up to 14
I/O ports are available with Key-Wake-Up capability from STOP or WAIT mode.


Similar Part No. - HCS12H

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
224Kb / 2P
HCS12 Document Methodology
logo
Freescale Semiconductor...
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
HCS12 Microcontrollers
logo
NXP Semiconductors
HCS12 NXP-HCS12 Datasheet
7Mb / 126P
HCS12 Microcontrollers
V01.09 9 SEP 2004
HCS12 NXP-HCS12 Datasheet
7Mb / 548P
The HCS12 V1.5 Core is a 16-bit processing core using the 68HC12 instruction set architecture (ISA).
Version 1.2
More results

Similar Description - HCS12H

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
logo
InnovASIC, Inc
IA186XL INNOVASIC-IA186XL Datasheet
1Mb / 75P
16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com