Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button HCS12H Datasheet HTML 11Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 12Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 13Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 14Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 15Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 16Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 17Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 18Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Pin Assignments
16-bit Microcontroller HCS12H Family, Rev. 11.1
Freescale Semiconductor
15
PRELIMINARY
PL[3:0]
FP[19:16]
AN[11:08]
Function 1: Port L general purpose input or output pins.
Function 2: LCD frontplane segment driver output pins.
Function 3: Analog inputs (ATD).
PM5
TXCAN1

Function 1: Port M general purpose input or output pin.
Function 2: Transmit pin for the Motorola Scalable Controller
Area Network controller 1 (MSCAN1).
PM4
RXCAN1

Function 1: Port M general purpose input or output pin.
Function 2: Receive pin for the Motorola Scalable Controller
Area Network controller 1 (MSCAN1).
PM3
TXCAN0

Function 1: Port M general purpose input or output pin.
Function 2: Transmit pin for the Motorola Scalable Controller
Area Network controller 0 (MSCAN0).
PM2
RXCAN0

Function 1: Port M general purpose input or output pin.
Function 2: Receive pin for the Motorola Scalable Controller
Area Network controller 0 (MSCAN0).
PM1
SCL

Function 1: Port M general purpose input or output pin.
Function 2: Serial clock pin for the Inter-IC Bus Interface
(IIC).
PM0
SDA

Function 1: Port M general purpose input or output pin.
Function 2: Serial data pin for the Inter-IC Bus Interface
(IIC).
PP5
PWM5
SCL
Function 1: Port P general purpose input or output pins.
Function 2: Pulse Width Modulator (PWM) channel output
pins.
Function 3: Serial clock pin for the Inter-IC Bus Interface
(IIC).
PP4
PWM4
SDA
Function 1: Port P general purpose input or output pins.
Function 2: Pulse Width Modulator (PWM) channel output
pins.
Function 3: Serial data pin for the Inter-IC Bus Interface
(IIC).
PP3
PWM3

Function 1: Port P general purpose input or output pins.
Function 2: Pulse Width Modulator (PWM) channel output
pins.
Function 3: Transmit pin of Serial Communication
Interface 1 (SCI1).
PP2
PWM2
RXD1
Function 1: Port P general purpose input or output pins.
Function 2: Pulse Width Modulator (PWM) channel output
pins.
Function 3: Receive pin of Serial Communication
Interface 1 (SCI1).
PP1
PWM1

Function 1: General purpose input or output pin.
Function 2: Pulse Width Modulator (PWM) channel output pin.
PP0
PWM0
TXD1
Function 1: General purpose input or output pin.
Function 2: Pulse Width Modulator (PWM) channel output pin.
Function 3: Transmit pin of Serial Communication Inter-
face 1 (SCI1).
Table 2 Pin Descriptions
Note: Features shown in bold are not available in the 9S12H256 112 pin QFP package.
Note: Features shown in Italics are only available for the “Z” versions
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com