Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button HCS12H Datasheet HTML 14Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 15Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 16Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 17Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 18Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 19Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 20Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 21Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
16-bit Microcontroller HCS12H Family, Rev. 11.1
18
Freescale Semiconductor
PRELIMINARY
Pin Assignments
VDDA

Supply input pins for the voltage regulator and the analog to
digital converter. Tolerance = 5V
± 5%.
VSSA

VRH

Reference voltage input pins for the analog to digital
converter.
VRL

VDDM1

Supply input pins for motor 0 and motor 1 output drivers.
Tolerance = 5 V ± 10%.
VSSM1

VDDM2

Supply input pins for motor 2 and motor 3 output drivers.
Tolerance = 5 V ± 10%.
VSSM2

VDDM3

Supply input pins for motor 4 and motor 5 output drivers.
Tolerance = 5 V ± 10%.
VSSM3

VDDPLL

PLL supply output pins. No load allowed except for bypass
capacitors.
VSSPLL

VDDX1

Supply input pins for input/output drivers. Tolerance = 5V
±
5%.
VSSX1

VDDX2

VSSX2

VDD1

Core supply output pins. No load allowed except for bypass
capacitors.
VSS1

VSS2

VDDR

Power supply input pin for voltage regulator. Nominal 5V
Table 2 Pin Descriptions
Note: Features shown in bold are not available in the 9S12H256 112 pin QFP package.
Note: Features shown in Italics are only available for the “Z” versions
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com