Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button HCS12H Datasheet HTML 12Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 13Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 14Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 15Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 16Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 17Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 18Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 19Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16-bit Microcontroller HCS12H Family, Rev. 11.1
16
Freescale Semiconductor
PRELIMINARY
Pin Assignments
PS7
SS

Function 1: Port S general purpose input or output pin.
Function 2: Slave select pin for the Serial Peripheral Interface
(SPI).
PS6
SCK

Function 1: Port S general purpose input or output pin.
Function 2: Serial clock pin for the Serial Peripheral Interface
(SPI).
PS5
MOSI

Function 1: Port S general purpose input or output pin.
Function 2: Master output (during master mode) or slave input
(during slave mode) pin for the Serial Peripheral Interface
(SPI).
PS4
MISO

Function 1: Port S general purpose input or output pin.
Function 2: Master input (during master mode) or slave output
(during slave mode) pin for the Serial Peripheral Interface
(SPI).
PS3
TXD1

Function 1: Port S general purpose input or output pin.
Function 2: Transmit pin of Serial Communication
Interface 1 (SCI1).
PS2
RXD1

Function 1: Port S general purpose input or output pin.
Function 2: Receive pin of Serial Communication
Interface 1 (SCI1).
PS1
TXD0

Function 1: Port S general purpose input or output pin.
Function 2: Transmit pin of Serial Communication Interface 0
(SCI0).
PS0
RXD1

Function 1: Port S general purpose input or output pin.
Function 2: Receive pin of Serial Communication Interface 0
(SCI0).
PT[7:4]
IOC[7:4]

Function 1: Port T general purpose input or output pins.
Function 2: Timer input capture or output compare pins.
PT[3:0]
IOC[3:0]
FP[27:24]
Function 1: Port T general purpose input or output pins.
Function 2: Timer input capture or output compare pins.
Function 3: LCD frontplane segment driver output pins.
PU7
M1C1P

Function 1: Port U general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 1.
PWM output on M1C1M results in a positive current flow
through coil 1 when M1C1P is driven to a logic high state.
PU6
M1C1M

PU5
M1C0P

Function 1: Port U general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 1.
PWM output on M1C0M results in a positive current flow
through coil 0 when M1C0P is driven to a logic high state.
PU4
M1C0M

PU3
M0C1P

Function 1: Port U general purpose input or output pins.
Function 2: High current PWM output pins which can be used
for motor drive. These pins interface to the coils of motor 0.
PWM output on M0C1M results in a positive current flow
through coil 1 when M0C1P is driven to a logic high state.
PU2
M0C1M

Table 2 Pin Descriptions
Note: Features shown in bold are not available in the 9S12H256 112 pin QFP package.
Note: Features shown in Italics are only available for the “Z” versions
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com