Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12H Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # HCS12H
Description  16-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12H Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button HCS12H Datasheet HTML 2Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 3Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 4Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 5Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 6Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 7Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 8Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 9Page - Freescale Semiconductor, Inc HCS12H Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
16-bit Microcontroller HCS12H Family, Rev. 11.1
6
Freescale Semiconductor
PRELIMINARY
Block Diagram
Block Diagram
Figure 1. MC9S12H-Family Block Diagram
EXTAL
XTAL
BKGD
XIRQ
Periodic Interrupt
COP Watchdog
Clock Monitor
Breakpoints
PLL
XFC
IRQ
ECLK
PA4
PA3
PA2
PA1
PA0
PA7
PA6
PA5
TEST
PB4
PB0
PB7
PB6
FP4
FP3
FP2
FP1
FP0
FP7
FP6
PE4
PE5
PE6
PE0
PE1
IOC2
IOC6
IOC0
IOC7
IOC1
IOC3
IOC4
IOC5
RXD0
TXD0
MISO
MOSI
PS4
PS5
PS0
PS1
Pulse
Width
Modulator
PW2
PW0
PW1
PW3
PW4
PW5
PP3
PP4
PP5
PP0
PP1
PP2
PK3
PK7
PK0
PK1
SCK
SS
PS6
PS7
SPI
RXCAN0
TXCAN0
PM2
PM3
Pin
KWH2
KWH6
KWH0
KWH7
KWH1
KWH3
KWH4
KWH5
PK2
Interrupt
Logic
FP12
FP11
FP10
FP9
FP8
FP15
FP14
BP0
BP1
BP2
BP3
FP23
PL3
PL2
PL1
PL0
FP19
FP18
FP17
FP16
PE7
PE3
PE2
FP22
FP21
FP20
VLCD
VLCD
M0C0M
M0C0P
PU0
PU1
PWM0
MOTOR0
LCD
SCI0
CAN0
MODB
MODA
RESET
VDDPLL
VSSPLL
CPU12
Clock and
Reset
Generation
Module
FP13
PB5
PB3
PB2
PB1
FP5
PIX0
PIX1
PIX2
PIX3
ADDR0
ADDR1
ADDR2
ADDR3
ADDR4
ADDR5
ADDR6
ADDR7
ADDR8
ADDR9
ADDR10
ADDR11
ADDR12
ADDR13
ADDR14
ADDR15
FP24
FP25
FP26
FP27
AN02
AN06
AN00
AN07
AN01
AN03
AN04
AN05
PAD03
PAD04
PAD05
PAD06
PAD07
PAD00
PAD01
PAD02
VRH
VRL
AN10
AN14
AN08
AN15
AN09
AN11
AN12
AN13
PAD11
PAD12
PAD13
PAD14
PAD15
PAD08
PAD09
PAD10
VDDA
VSSA
Analog to
Digital
Converter
VRH
VRL
VDDA
VSSA
KWJ2
KWJ0
KWJ1
KWJ3
128K, 256K Bytes Flash or ROM
2K, 4K Bytes EEPROM
6K, 12K Bytes RAM
DATA15
MOTOR0 and MOTOR1 Supply
VDDM1
VSSM1
DATA14
DATA13
DATA12
DATA11
DATA10
DATA9
DATA8
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Multiplexed
Wide
Bus
Multiplexed
Narrow
Bus
ECS/ROMCTL
XADDR14
XADDR15
XADDR16
XADDR17
NOACC/XCLKS
LSTRB/TAGLO
R/W
VDDR
VDD1
VSS1,2
Voltage Regulator
Input Capture and
Output Compare
Timer
SDA
SCL
PM0
PM1
IIC
VDDX1,2
VSSX1,2
VSSPLL
PLL 2.5V
I/O Driver 5V
A/D Converter 5V &
VDDPLL
VDD1
VSS1,2
Internal Logic 2.5V
VDDA
VSSA
VDDR
Vreg Input 5V
Supply pins
Driver
PL7
PL6
PL5
PL4
FP31
FP30
FP29
FP28
Voltage Regulator
Reference
System
Integration
Module
Single-Wire Background
Debug Module
RXD1
TXD1
PS2
PS3
SCI1
RXCAN1
TXCAN1
PM4
PM5
CAN1
M0C1M
M0C1P
PU2
PU3
PWM1
M1C0M
M1C0P
PU4
PU5
PWM2
MOTOR1
M1C1M
M1C1P
PU6
PU7
PWM3
M2C0M
M2C0P
PV0
PV1
PWM4
MOTOR2
MOTOR2 and MOTOR3 Supply
VDDM2
VSSM2
M2C1M
M0C1P
PV2
PV3
PWM5
M3C0M
M3C0P
PV4
PV5
PWM6
MOTOR3
M3C1M
M3C1P
PV6
PV7
PWM7
M4C0M
M4C0P
PW0
PW1
PWM8
MOTOR4
MOTOR4 and MOTOR5 Supply
VDDM3
VSSM2
M4C1M
M4C1P
PW2
PW3
PWM9
M5C0M
M5C0P
PW4
PW5
PWM10
MOTOR5
M5C1M
M5C1P
PW6
PW7
PWM11
Pins
shown
in
BOLD are not avail-
able in the 112 QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com