Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 236 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 236 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 232Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 233Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 234Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 235Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 236Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 237Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 238Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 239Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 240Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 286 page
background image
Timer Interface Module (TIM)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
236
Freescale Semiconductor
cycle generation and removes the ability of the channel to self-correct in the
event of software error or noise. Toggling on output compare also can
cause incorrect PWM signal generation when changing the PWM pulse
width to a new, much larger value.
22.4.4.2 Buffered PWM Signal Generation
Channels 0 and 1 can be linked to form a buffered PWM channel whose output appears on the TCH0 pin.
The TIM channel registers of the linked pair alternately control the pulse width of the output.
Setting the MS0B bit in TIM channel 0 status and control register (TSC0) links channel 0 and channel 1.
The TIM channel 0 registers initially control the pulse width on the TCH0 pin. Writing to the TIM channel 1
registers enables the TIM channel 1 registers to synchronously control the pulse width at the beginning
of the next PWM period. At each subsequent overflow, the TIM channel registers (0 or 1) that control the
pulse width are the ones written to last. TSC0 controls and monitors the buffered PWM function, and TIM
channel 1 status and control register (TSC1) is unused. While the MS0B bit is set, the channel 1 pin,
TCH1, is available as a general-purpose I/O pin.
NOTE
In buffered PWM signal generation, do not write new pulse width values to
the currently active channel registers. User software should track the
currently active channel to prevent writing a new value to the active
channel. Writing to the active channel registers is the same as generating
unbuffered PWM signals.
22.4.4.3 PWM Initialization
To ensure correct operation when generating unbuffered or buffered PWM signals, use the following
initialization procedure:
1.
In the TIM status and control register (TSC):
a.
Stop the TIM counter by setting the TIM stop bit, TSTOP.
b.
Reset the TIM counter and prescaler by setting the TIM reset bit, TRST.
2.
In the TIM counter modulo registers (TMODH:TMODL), write the value for the required PWM
period.
3.
In the TIM channel x registers (TCHxH:TCHxL), write the value for the required pulse width.
4.
In TIM channel x status and control register (TSCx):
a.
Write 0:1 (for unbuffered output compare or PWM signals) or 1:0 (for buffered output compare
or PWM signals) to the mode select bits, MSxB:MSxA. See Table 22-3.
b.
Write 1 to the toggle-on-overflow bit, TOVx.
c.
Write 1:0 (polarity 1 — to clear output on compare) or 1:1 (polarity 0 — to set out on compare)
to the edge/level select bits, ELSxB:ELSxA. The output action on compare must force the
output to the complement of the pulse width level. (See Table 22-3.)
NOTE
In PWM signal generation, do not program the PWM channel to toggle on
output compare. Toggling on output compare prevents reliable 0% duty
cycle generation and removes the ability of the channel to self-correct in the
event of software error or noise. Toggling on output compare can also



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com