Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 286 page
background image
Break Module (BRK)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
66
Freescale Semiconductor
BRKA — Break Active Bit
This read/write status and control bit is set when a break address match occurs. Writing a logic 1 to
BRKA generates a break interrupt. Clear BRKA by writing a logic 0 to it before exiting the break routine.
Reset clears the BRKA bit.
1 = (When read) Break address match
0 = (When read) No break address match
6.5.2 Break Address Registers
The break address registers (BRKH and BRKL) contain the high and low bytes of the desired breakpoint
address. Reset clears the break address registers.
6.5.3 Break Status Register
The break status register (SBSR) contains a flag to indicate that a break caused an exit from wait mode.
The flag is useful in applications requiring a return to wait mode after exiting from a break interrupt.
BW — Break Wait Bit
This read/write bit is set when a break interrupt causes an exit from wait mode. Clear BW by writing a
logic 0 to it. Reset clears BW.
1 = Break interrupt during wait mode
0 = No break interrupt during wait mode
BW can be read within the break interrupt routine. The user can modify the return address on the stack
by subtracting 1 from it.
Address:
$FE09
Bit 7
654321
Bit 0
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
Figure 6-4. Break Address Register High (BRKH)
Address:
$FE0A
Bit 7
654321
Bit 0
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
Figure 6-5. Break Address Register Low (BRKL)
Address:
$FE00
Bit 7
654321
Bit 0
Read:
000100
BW
0
Write:
RRRRRR
NOTE
R
Reset:
00010000
Note: Writing a logic 0 clears BW.
R
= Reserved
Figure 6-6. SIM Break Status Register (SBSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com