Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 286 page
background image
Functional Description
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
75
9.
Calculate and verify the adequacy of the VCO programmed center-of-range frequency, fVRS. The
center-of-range frequency is the midpoint between the minimum and maximum frequencies
attainable by the PLL.
For proper operation,
10.
Verify the choice of P, R, N, E, and L by comparing fVCLK to fVRS and fVCLKDES. For proper
operation, fVCLK must be within the application’s tolerance of fVCLKDES, and fVRS must be as close
as possible to fVCLK.
NOTE
Exceeding the recommended maximum bus frequency or VCO frequency
can crash the MCU.
11.
Program the PLL registers accordingly:
a.
In the PRE bits of the PLL control register (PCTL), program the binary equivalent of P.
b.
In the VPR bits of the PLL control register (PCTL), program the binary equivalent of E.
c.
In the PLL multiplier select register low (PMSL) and the PLL multiplier select register high
(PMSH), program the binary equivalent of N.
d.
In the PLL VCO range select register (PMRS), program the binary coded equivalent of L.
e.
In the PLL reference divider select register (PMDS), program the binary coded equivalent
of R.
Table 7-1 provides numeric examples (numbers are in hexadecimal notation):
Table 7-1. Numeric Example
fBUS
fRCLK
RN
P
E
L
2.0 MHz
32.768 kHz
1
F5
0
0
D1
2.4576 MHz
32.768 kHz
1
12C
0
1
80
2.5 MHz
32.768 kHz
1
132
0
1
83
4.0 MHz
32.768 kHz
1
1E9
0
1
D1
4.9152 MHz
32.768 kHz
1
258
0
2
80
5.0 MHz
32.768 kHz
1
263
0
2
82
7.3728 MHz
32.768 kHz
1
384
0
2
C0
8.0 MHz
32.768 kHz
1
3D1
0
2
D0
f
VRS
L2
E
×
()f
NOM
=
f
VRS
f
VCLK
–
f
NOM
2
E
×
2
--------------------------
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com