Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 286 page
background image
I/O Registers
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
59
AIEN — ADC Interrupt Enable Bit
When this bit is set, an interrupt is generated at the end of an ADC conversion. The interrupt signal is
cleared when the data register is read or the status/control register is written. Reset clears the AIEN bit.
1 = ADC interrupt enabled
0 = ADC interrupt disabled
ADCO — ADC Continuous Conversion Bit
When this bit is set, the ADC will convert samples continuously and update the ADR register at the end
of each conversion. Only one conversion is allowed when this bit is cleared. Reset clears the ADCO bit.
1 = Continuous ADC conversion
0 = One ADC conversion
ADCH4–ADCH0 — ADC Channel Select Bits
ADCH4–ADCH0 form a 5-bit field which is used to select one of 16 ADC channels. Only six channels,
AD5–AD0, are available on this MCU. The channels are detailed in Table 5-1. Care should be taken
when using a port pin as both an analog and digital input simultaneously to prevent switching noise
from corrupting the analog signal. See Table 5-1.
The ADC subsystem is turned off when the channel select bits are all set to 1. This feature allows for
reduced power consumption for the MCU when the ADC is not being used.
NOTE
Recovery from the disabled state requires one conversion cycle to stabilize.
The voltage levels supplied from internal reference nodes, as specified in Table 5-1, are used to verify the
operation of the ADC converter both in production test and for user applications.
Table 5-1. Mux Channel Select
ADCH4
ADCH3
ADCH2
ADCH1
ADCH0
Input Select
0
000
0
PTB0/ATD0
0
000
1
PTB1/ATD1
0
001
0
PTB2/ATD2
0
001
1
PTB3/ATD3
0
010
0
PTB4/ATD4
0
010
1
PTB5/ATD5
0
011
0
Reserved
0
011
1
Reserved
↓↓
↓↓↓
Reserved
1
101
1
Reserved
1
110
0
Reserved
1
110
1
VREFH
1
111
0
VREFL
1
1
1
1
1
ADC power off
NOTE: If an unknown channel is selected it should be made clear what value the user will read
from the ADC Data Register, unknown or reserved is not specific enough.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com