Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 286 page
background image
Clock Generator Module (CGMC)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
84
Freescale Semiconductor
7.5.5 PLL VCO Range Select Register
NOTE
PMRS may be called PVRS on other HC08 derivatives.
The PLL VCO range select register (PMRS) contains the programming information required for the
hardware configuration of the VCO.
VRS7–VRS0 — VCO Range Select Bits
These read/write bits control the hardware center-of-range linear multiplier L which, in conjunction with
E (see 7.3.3 PLL Circuits, 7.3.6 Programming the PLL, and 7.5.1 PLL Control Register), controls the
hardware center-of-range frequency, fVRS. VRS7–VRS0 cannot be written when the PLLON bit in the
PCTL is set. (See 7.3.7 Special Programming Exceptions.) A value of $00 in the VCO range select
register disables the PLL and clears the BCS bit in the PLL control register (PCTL). (See 7.3.8 Base
Clock Selector Circuit and 7.3.7 Special Programming Exceptions.). Reset initializes the register to $40
for a default range multiply value of 64.
NOTE
The VCO range select bits have built-in protection such that they cannot be
written when the PLL is on (PLLON = 1) and such that the VCO clock
cannot be selected as the source of the base clock (BCS = 1) if the VCO
range select bits are all clear.
The PLL VCO range select register must be programmed correctly.
Incorrect programming can result in failure of the PLL to achieve lock.
7.5.6 PLL Reference Divider Select Register
NOTE
PMDS may be called PRDS on other HC08 derivatives.
The PLL reference divider select register (PMDS) contains the programming information for the modulo
reference divider.
Address:
$003A
Bit 7
654321
Bit 0
Read:
VRS7
VRS6
VRS5
VRS4
VRS3
VRS2
VRS1
VRS0
Write:
Reset:
01000000
Figure 7-8. PLL VCO Range Select Register (PMRS)
Address:
$003B
Bit 7
654321
Bit 0
Read:
0000
RDS3
RDS2
RDS1
RDS0
Write:
Reset:
00000001
= Unimplemented
Figure 7-9. PLL Reference Divider Select Register (PMDS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com