Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 286 page
background image
General Description
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
24
Freescale Semiconductor
1.5 Pin Functions
Descriptions of the pin functions are provided here.
1.5.1 Power Supply Pins (VDD and VSS)
VDD and VSS are the power supply and ground pins. The MCU operates from a single power supply.
Fast signal transitions on MCU pins place high, short-duration current demands on the power supply. To
prevent noise problems, take special care to provide power supply bypassing at the MCU as Figure 1-5
shows. Place the C1 bypass capacitor as close to the MCU as possible. Use a high-frequency-response
ceramic capacitor for C1. C2 is an optional bulk current bypass capacitor for use in applications that
require the port pins to source high current levels.
Figure 1-5. Power Supply Bypassing
1.5.2 Oscillator Pins (OSC1 and OSC2)
The OSC1 and OSC2 pins are the connections for the on-chip oscillator circuit. See Chapter 7 Clock
Generator Module (CGMC).
1.5.3 External Reset Pin (RST)
A logic 0 on the RST pin forces the MCU to a known startup state. RST is bidirectional, allowing a reset
of the entire system. It is driven low when any internal reset source is asserted. This pin contains an
internal pullup resistor that is always activated, even when the reset pin is pulled low. See Chapter 4
Resets and Interrupts.
1.5.4 External Interrupt Pin (IRQ)
IRQ is an asynchronous external interrupt pin. This pin contains an internal pullup resistor that is always
activated, even when the reset pin is pulled low. See Chapter 12 External Interrupt (IRQ).
1.5.5 CGM Power Supply Pins (VDDA and VSSA)
VDDA and VSSA are the power supply pins for the analog portion of the clock generator module (CGM).
Decoupling of these pins should be as per the digital supply. See Chapter 7 Clock Generator Module
(CGMC).
MCU
VDD
C2
C1
0.1
μF
VSS
VDD
+
NOTE: Component values shown represent typical applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com