Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 286 page
background image
Break Module (BRK)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
64
Freescale Semiconductor
Figure 6-1. Break Module Block Diagram
6.3.2 CPU During Break Interrupts
The CPU starts a break interrupt by:
•
Loading the instruction register with the SWI instruction
•
Loading the program counter with $FFFC and $FFFD ($FEFC and $FEFD in monitor mode)
The break interrupt begins after completion of the CPU instruction in progress. If the break address
register match occurs on the last cycle of a CPU instruction, the break interrupt begins immediately.
Addr.
Register Name
Bit 7
654321
Bit 0
$FE00
SIM Break Status Register
(SBSR)
Read:
000100
BW
0
Write:
RRRRRR
NOTE
R
Reset:
00010000
$FE03
SIM Break Flag Control
Register (SBFCR)
Read:
BCFE
RRRRRRR
Write:
Reset:
0
$FE09
Break Address Register High
(BRKH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$FE0A
Break Address Register Low
(BRKL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$FE0B
Break Status and Control
Register (BRKSCR)
Read:
BRKE
BRKA
000000
Write:
Reset:
00000000
Note: Writing a logic 0 clears BW.
= Unimplemented
R
= Reserved
Figure 6-2. I/O Register Summary
IAB15–IAB8
IAB7–IAB0
8-BIT COMPARATOR
8-BIT COMPARATOR
CONTROL
BREAK ADDRESS REGISTER LOW
BREAK ADDRESS REGISTER HIGH
IAB15–IAB0
BREAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com