Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 286 page
background image
Functional Description
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
71
7.3.1 Crystal Oscillator Circuit
The crystal oscillator circuit consists of an inverting amplifier and an external crystal. The OSC1 pin is the
input to the amplifier and the OSC2 pin is the output. The SIMOSCEN signal from the system integration
module (SIM) or the OSCSTOPENB bit in the CONFIG register enable the crystal oscillator circuit.
The CGMXCLK signal is the output of the crystal oscillator circuit and runs at a rate equal to the crystal
frequency. CGMXCLK is then buffered to produce CGMRCLK, the PLL reference clock.
CGMXCLK can be used by other modules which require precise timing for operation. The duty cycle of
CGMXCLK is not guaranteed to be 50% and depends on external factors, including the crystal and related
external components. An externally generated clock also can feed the OSC1 pin of the crystal oscillator
circuit. Connect the external clock to the OSC1 pin and let the OSC2 pin float.
7.3.2 Phase-Locked Loop Circuit (PLL)
The PLL is a frequency generator that can operate in either acquisition mode or tracking mode, depending
on the accuracy of the output frequency. The PLL can change between acquisition and tracking modes
either automatically or manually.
7.3.3 PLL Circuits
The PLL consists of these circuits:
•
Voltage-controlled oscillator (VCO)
•
Reference divider
•
Frequency prescaler
•
Modulo VCO frequency divider
•
Phase detector
•
Loop filter
•
Lock detector
The operating range of the VCO is programmable for a wide range of frequencies and for maximum
immunity to external noise, including supply and CGM/XFC noise. The VCO frequency is bound to a
range from roughly one-half to twice the center-of-range frequency, fVRS. Modulating the voltage on the
CGM/XFC pin changes the frequency within this range. By design, fVRS is equal to the nominal
center-of-range frequency, fNOM, (38.4 kHz) times a linear factor, L, and a power-of-two factor, E, or
(L
× 2E)f
NOM.
CGMRCLK is the PLL reference clock, a buffered version of CGMXCLK. CGMRCLK runs at a frequency,
fRCLK, and is fed to the PLL through a programmable modulo reference divider, which divides fRCLK by a
factor, R. The divider’s output is the final reference clock, CGMRDV, running at a frequency,
fRDV =fRCLK/R. With an external crystal
(30 kHz–100 kHz), always set R = 1 for specified performance. With an external high-frequency clock
source, use R to divide the external frequency to between 30 kHz and 100 kHz.
The VCO’s output clock, CGMVCLK, running at a frequency, fVCLK, is fed back through a programmable
prescale divider and a programmable modulo divider. The prescaler divides the VCO clock by a
power-of-two factor P and the modulo divider reduces the VCO clock by a factor, N. The dividers’
output is the VCO feedback clock, CGMVDV, running at a frequency, fVDV =fVCLK/(N × 2
P). (See
7.3.6 Programming the PLL for more information.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com