Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 286 page
background image
Functional Description
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
73
•
The LOCK bit is set when the VCO frequency is within a certain tolerance and is cleared when the
VCO frequency is out of a certain tolerance. (See 7.8 Acquisition/Lock Time Specifications for
more information.)
•
CPU interrupts can occur if enabled (PLLIE = 1) when the PLL’s lock condition changes, toggling
the LOCK bit. (See 7.5.1 PLL Control Register.)
The PLL also may operate in manual mode (AUTO = 0). Manual mode is used by systems that do not
require an indicator of the lock condition for proper operation. Such systems typically operate well below
fBUSMAX.
The following conditions apply when in manual mode:
•ACQ is a writable control bit that controls the mode of the filter. Before turning on the PLL in manual
mode, the ACQ bit must be clear.
•
Before entering tracking mode (ACQ = 1), software must wait a given time, tACQ (see
7.8 Acquisition/Lock Time Specifications), after turning on the PLL by setting PLLON in the PLL
control register (PCTL).
•
Software must wait a given time, tAL, after entering tracking mode before selecting the PLL as the
clock source to CGMOUT (BCS = 1).
•
The LOCK bit is disabled.
•
CPU interrupts from the CGMC are disabled.
7.3.6 Programming the PLL
The following procedure shows how to program the PLL.
NOTE
The round function in the following equations means that the real number
should be rounded to the nearest integer number.
1.
Choose the desired bus frequency, fBUSDES.
2.
Calculate the desired VCO frequency (four times the desired bus frequency).
3.
Choose a practical PLL (crystal) reference frequency, fRCLK, and the reference clock divider, R.
Typically, the reference crystal is 32.768 kHz and R = 1.
Frequency errors to the PLL are corrected at a rate of fRCLK/R. For stability and lock time reduction,
this rate must be as fast as possible. The VCO frequency must be an integer multiple of this rate.
The relationship between the VCO frequency, fVCLK, and the reference frequency, fRCLK, is
P, the power of two multiplier, and N, the range multiplier, are integers.
In cases where desired bus frequency has some tolerance, choose fRCLK to a value determined
either by other module requirements (such as modules which are clocked by CGMXCLK), cost
requirements, or ideally, as high as the specified range allows. See Chapter 23 Electrical
Specifications. Choose the reference divider, R = 1. After choosing N and P, the actual bus
frequency can be determined using equation in 2 above.
f
VCLKDES
4f
BUSDES
×
=
f
VCLK
2
P
N
R
----------- f
RCLK
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com