Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 286 page
background image
Resets and Interrupts
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
44
Freescale Semiconductor
4.2.3.1 Power-On Reset
A power-on reset is an internal reset caused by a positive transition on the VDD pin. VDD at the POR must
go completely to 0 V to reset the MCU. This distinguishes between a reset and a POR. The POR is not a
brown-out detector, low-voltage detector, or glitch detector.
A power-on reset:
•
Holds the clocks to the CPU and modules inactive for an oscillator stabilization delay of 4096
CGMXCLK cycles
•
Drives the RST pin low during the oscillator stabilization delay
•
Releases the RST pin 32 CGMXCLK cycles after the oscillator stabilization delay
•
Releases the CPU to begin the reset vector sequence 64 CGMXCLK cycles after the oscillator
stabilization delay
•
Sets the POR bit in the SIM reset status register and clears all other bits in the register
Figure 4-1. Power-On Reset Recovery
4.2.3.2 COP Reset
A COP reset is an internal reset caused by an overflow of the COP counter. A COP reset sets the COP
bit in the system integration module (SIM) reset status register.
To clear the COP counter and prevent a COP reset, write any value to the COP control register at location
$FFFF.
PORRST(1)
OSC1
CGMXCLK
CGMOUT
RST PIN
INTERNAL
4096
CYCLES
32
CYCLES
32
CYCLES
1. PORRST is an internally generated power-on reset pulse.
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com