Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 286 page
background image
Pin Functions
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
25
1.5.6 External Filter Capacitor Pin (CGMXFC)
CGMXFC is an external filter capacitor connection for the CGM. See Chapter 7 Clock Generator Module
(CGMC).
1.5.7 Analog Power Supply/Reference Pins (VDDAD/VREFH and VSSAD/VREFL)
VDDAD and VSSAD are the power supply pins for the analog-to-digital converter. Decoupling of these pins
should be as per the digital supply.
NOTE
VREFH is the high reference supply for the ADC. The VREFH signal is
internally connected with VDDAD and have the same potential as VDDAD.
VDDAD should be tied to the same potential as VDD via separate traces.
VREFL is the low reference supply for the ADC. The VREFL pin is internally
connected with VSSAD and has the same potential as VSSAD. VSSAD should
be tied to the same potential as VSS via separate traces.
See Chapter 5 Analog-to-Digital Converter (ADC).
1.5.8 Port A Input/Output (I/O) Pins (PTA3/KBD3–PTA0/KBD0)
PTA3–PTA0 are special-function, bidirectional I/O port pins. Any or all of the port A pins can be
programmed to serve as keyboard interrupt pins. See Chapter 16 Input/Output Ports (I/O) and See
Chapter 12 External Interrupt (IRQ).
These port pins also have selectable pullups when configured for input mode. The pullups are disengaged
when configured for output mode. The pullups are selectable on an individual port bit basis.
When the port pins are configured for special-function mode (KBI), pullups will be automatically engaged.
As long as the port pins are in special-function mode, the pullups will always be on.
1.5.9 Port B I/O Pins (PTB5/AD5–PTB0/AD0)
PTB5–PTB0 are special-function, bidirectional I/O port pins that can also be used for analog-to-digital
converter (ADC) inputs. See Chapter 16 Input/Output Ports (I/O) and See Chapter 5 Analog-to-Digital
Converter (ADC).
There are no pullups associated with this port.
1.5.10 Port C I/O Pins (PTC1–PTC0)
PTC1–PTC0 are general-purpose, bidirectional I/O port pins. See Chapter 16 Input/Output Ports (I/O).
PTC0 and PTC1 are only available on 32-pin QFP packages.
These port pins also have selectable pullups when configured for input mode. The pullups are disengaged
when configured for output mode. The pullups are selectable on an individual port bit basis.
1.5.11 Port D I/O Pins (PTD6/T2CH0–PTD0/SS)
PTD6–PTD0 are special-function, bidirectional I/O port pins. PTD3–PTD0 can be programmed to be
serial peripheral interface (SPI) pins, while PTD6–PTD4 can be individually programmed to be timer
interface module (TIM1 and TIM2) pins. See Chapter 22 Timer Interface Module (TIM), Chapter 20 Serial
Peripheral Interface (SPI), and See Chapter 16 Input/Output Ports (I/O).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com