Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 286 page
background image
Clock Generator Module (CGMC)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
74
Freescale Semiconductor
When the tolerance on the bus frequency is tight, choose fRCLK to an integer divisor of fBUSDES,
and R = 1. If fRCLK cannot meet this requirement, use the following equation to solve for R with
practical choices of fRCLK, and choose the fRCLK that gives the lowest R.
4.
Select a VCO frequency multiplier, N.
Reduce N/R to the lowest possible R.
5.
If N is < Nmax, use P = 0. If N > Nmax, choose P using this table:
Then recalculate N:
6.
Calculate and verify the adequacy of the VCO and bus frequencies fVCLK and fBUS.
7.
Select the VCO’s power-of-two range multiplier E, according to this table:
8.
Select a VCO linear range multiplier, L, where fNOM = 38.4 kHz
Current N Value
P
0
1
2
3
Frequency Range
E
0 < fVCLK < 8 MHz
0
9,830,400
≤ f
VCLK < 16 MHz
1
19,660,800
≤ f
VCLK < 32 MHz
2
NOTE: Do not program E to a value of 3.
R
round R
MAX
f
VCLKDES
f
RCLK
--------------------------
⎝⎠
⎜⎟
⎛⎞
integer
f
VCLKDES
f
RCLK
--------------------------
⎝⎠
⎜⎟
⎛⎞
–
⎩⎭
⎨⎬
⎧⎫
×
=
N
round
Rf
VCLKDES
×
f
RCLK
-------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
0N
<N
max
≤
N
max
N
<N
max
2
×
≤
N
max
2
×
N
<N
max
4
×
≤
N
max
4
×
N
<N
max
8
×
≤
N
round
Rf
VCLKDES
×
f
RCLK
2
P
×
-------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
f
VCLK
2
P
NR
⁄
×
() f
RCLK
×
=
f
BUS
f
VCLK
() 4
⁄
=
L
round
f
VCLK
2
E
f
NOM
×
--------------------------
⎝⎠
⎜⎟
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com