Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 255 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 255 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 251Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 252Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 253Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 254Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 255Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 256Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 257Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 258Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 259Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 286 page
background image
Clock Generation Module Characteristics
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
255
23.8 Clock Generation Module Characteristics
23.8.1 CGM Component Specifications
23.8.2 CGM Electrical Specifications
Characteristic
Symbol
Min
Typ
Max
Unit
Crystal reference frequency
fXCLK
30
32.768
100
kHz
Crystal load capacitance(1)
1. Crystal manufacturer value.
CL
—
12.5
—
pF
Crystal fixed capacitance(2)
2. Capacitor on OSC1 pin. Does not include parasitic capacitance due to package, pin, and board.
C1
—
15
—pF
Crystal tuning capacitance(2)
C2
—
15
—pF
Feedback bias resistor
RB
110
22
M
Ω
Series resistor(3)
3. Capacitor on OSC2 pin. Does not include parasitic capacitance due to package, pin, and board.
RS
100
330
470
k
Ω
Description
Symbol
Min
Typ
Max
Unit
Operating voltage
VDD
2.7
—
5.5
V
Operating temperature
T
–40
25
125
oC
Crystal reference frequency
fRCLK
30
32.768
100
kHz
Range nominal multiplier
fNOM
—
38.4
—
kHz
VCO center-of-range frequency(1)
1. 5.0 V
± 10% V
DD
fVRS
38.4 k
—
40.0 M
Hz
Medium-voltage VCO center-of-range frequency(2)
2. 3.0 V
± 10% V
DD
fVRS
38.4 k
—
40.0 M
Hz
VCO range linear range multiplier
L
1
—
255
VCO power-of-two range multiplier
2E
1—4
VCO multiply factor
N
1
—
4095
VCO prescale multiplier
2P
118
Reference divider factor
R
1
1
15
VCO operating frequency
fVCLK
38.4 k
—
40.0 M
Hz
Bus operating frequency(1)
fBUS
——
8.2
MHz
Bus frequency @ medium voltage(2)
fBUS
——
4.1
MHz
Manual acquisition time
tLock
——
50
ms
Automatic lock time
tLock
——
50
ms
PLL jitter(3)
3. Deviation of average bus frequency over 2 ms. N = VCO multiplier.
fJ
0—
fRCLK x
0.025% x
2P N/4
Hz
External clock input frequency PLL disabled
fOSC
dc
—
32.8 M
Hz
External clock input frequency PLL enabled
fOSC
30 k
—
1.5 M
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com