Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 265 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 265 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 261Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 262Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 263Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 264Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 265Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 266Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 267Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 268Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 286 page
background image
3.0 V SPI Characteristics
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
265
23.14 3.0 V SPI Characteristics
Diagram
Number(1)
1. Numbers refer to dimensions in Figure 23-16 and Figure 23-17.
Characteristic(2)
2. All timing is shown with respect to 20% VDD and 70% VDD, unless noted; 100 pF load on all SPI pins.
Symbol
Min
Max
Unit
Operating frequency
Master
Slave
fOP(M)
fOP(S)
fOP/128
DC
fOP/2
fOP
MHz
MHz
1
Cycle time
Master
Slave
tCYC(M)
tCYC(S)
2
1
128
—
tcyc
tcyc
2
Enable lead time
tLead(s)
1—
tcyc
3
Enable lag time
tLag(s)
1—
tcyc
4
Clock (SPSCK) high time
Master
Slave
tSCKH(M)
tSCKH(S)
tcyc –35
1/2 tcyc –35
64 tcyc
—
ns
ns
5
Clock (SPSCK) low time
Master
Slave
tSCKL(M)
tSCKL(S)
tcyc –35
1/2 tcyc –35
64 tcyc
—
ns
ns
6
Data setup time (inputs)
Master
Slave
tSU(M)
tSU(S)
40
40
—
—
ns
ns
7
Data hold time (inputs)
Master
Slave
tH(M)
tH(S)
40
40
—
—
ns
ns
8
Access time, slave(3)
CPHA = 0
CPHA = 1
3. Time to data active from high-impedance state
tA(CP0)
tA(CP1)
0
0
50
50
ns
ns
9
Disable time, slave(4)
4. Hold time to high-impedance state
tDIS(S)
—50
ns
10
Data valid time, after enable edge
Master
Slave(5)
5. With 100 pF on all SPI pins
tV(M)
tV(S)
—
—
60
60
ns
ns
11
Data hold time, outputs, after enable edge
Master
Slave
tHO(M)
tHO(S)
0
0
—
—
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com