Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 286 page
background image
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
127
Chapter 14
Low-Voltage Inhibit (LVI)
14.1 Introduction
This section describes the low-voltage inhibit (LVI) module, which monitors the voltage on the VDD pin
and can force a reset when the VDD voltage falls below the LVI trip falling voltage, VTRIPF.
14.2 Features
Features of the LVI module include:
•
Programmable LVI reset
•
Selectable LVI trip voltage
•
Programmable stop mode operation
14.3 Functional Description
Figure 14-1 shows the structure of the LVI module. The LVI is enabled out of reset. The LVI module
contains a bandgap reference circuit and comparator. Clearing the LVI power disable bit, LVIPWRD,
enables the LVI to monitor VDD voltage. Clearing the LVI reset disable bit, LVIRSTD, enables the LVI
module to generate a reset when VDD falls below the trip point voltage, VTRIPF. Setting the LVI enable in
stop mode bit, LVISTOP, enables the LVI to operate in stop mode. Setting the LVI 5V or 3V trip point bit,
LVI5OR3, enables VTRIPF to be configured for 5V operation. Clearing the LVI5OR3 bit enables VTRIPF to
be configured for 3V operation. The actual trip points are shown in Chapter 23 Electrical Specifications.
NOTE
After a power-on reset (POR) the LVI’s default mode of operation is 3 V. If
a 5V system is used, the user must set the LVI5OR3 bit to raise the trip
point to 5V operation. Note that this must be done after every POR since
the default will revert back to 3V mode after each POR. If the VDD supply is
below the 5V mode trip voltage but above the 3V mode trip voltage when
POR is released, the part will operate because VTRIPF defaults to 3V mode
after a POR. So, in a 5V system care must be taken to ensure that VDD is
above the 5V mode trip voltage after POR is released.
If the user requires 5V mode and sets the LVI5OR3 bit after a POR while
the VDD supply is not above the VTRIPR for 5V mode, the MCU will
immediately go into reset. The LVI in this case will hold the part in reset until
either VDD goes above the rising 5V trip point, VTRIPR, which will release
reset or VDD decreases to approximately 0 V which will re-trigger the POR
and reset the trip point to 3V operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com