Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 153 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 153 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 149Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 150Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 151Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 152Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 153Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 154Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 155Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 156Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 286 page
background image
Port D
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
153
T1CH1 and T1CH0 — Timer 1 Channel I/O Bits
The PTD5/T1CH1–PTD4/T1CH0 pins are the TIM1 input capture/output compare pins. The edge/level
select bits, ELSxB and ELSxA, determine whether the PTD5/T1CH1–PTD4/T1CH0 pins are timer
channel I/O pins or general-purpose I/O pins. See Chapter 22 Timer Interface Module (TIM).
SPSCK — SPI Serial Clock
The PTD3/SPSCK pin is the serial clock input of the SPI module. When the SPE bit is clear, the
PTD3/SPSCK pin is available for general-purpose I/O.
MOSI — Master Out/Slave In
The PTD2/MOSI pin is the master out/slave in terminal of the SPI module. When the SPE bit is clear,
the PTD2/MOSI pin is available for general-purpose I/O.
MISO — Master In/Slave Out
The PTD1/MISO pin is the master in/slave out terminal of the SPI module. When the SPI enable bit,
SPE, is clear, the SPI module is disabled, and the PTD0/SS pin is available for general-purpose I/O.
Data direction register D (DDRD) does not affect the data direction of port D pins that are being used
by the SPI module. However, the DDRD bits always determine whether reading port D returns the
states of the latches or the states of the pins. See Table 16-5.
SS — Slave Select
The PTD0/SS pin is the slave select input of the SPI module. When the SPE bit is clear, or when the
SPI master bit, SPMSTR, is set, the PTD0/SS pin is available for general-purpose I/O. When the SPI
is enabled, the DDRB0 bit in data direction register B (DDRB) has no effect on the PTD0/SS pin.
16.5.2 Data Direction Register D
Data direction register D (DDRD) determines whether each port D pin is an input or an output. Writing a 1
to a DDRD bit enables the output buffer for the corresponding port D pin; a 0 disables the output buffer.
DDRD6–DDRD0 — Data Direction Register D Bits
These read/write bits control port D data direction. Reset clears DDRD6–DDRD0, configuring all port
D pins as inputs.
1 = Corresponding port D pin configured as output
0 = Corresponding port D pin configured as input
NOTE
Avoid glitches on port D pins by writing to the port D data register before
changing data direction register D bits from 0 to 1.
Address:
$0007
Bit 7
654321
Bit 0
Read:
0
DDRD6
DDRD5
DDRD4
DDRD3
DDRD2
DDRD1
DDRD0
Write:
Reset:
00000000
= Unimplemented
Figure 16-14. Data Direction Register D (DDRD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com