Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 162 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 162 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 158Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 159Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 160Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 161Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 162Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 163Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 164Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 165Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 166Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 286 page
background image
Serial Communications Interface (SCI)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
162
Freescale Semiconductor
18.3 Pin Name Conventions
The generic names of the SCI I/O pins are:
•
RxD (receive data)
•
TxD (transmit data)
SCI I/O (input/output) lines are implemented by sharing parallel I/O port pins. The full name of an SCI
input or output reflects the name of the shared port pin. Table 18-1 shows the full names and the generic
names of the SCI I/O pins.
The generic pin names appear in the text of this chapter.
18.4 Functional Description
Figure 18-1 shows the structure of the SCI module. The SCI allows full-duplex, asynchronous, NRZ serial
communication among the MCU and remote devices, including other MCUs. The transmitter and receiver
of the SCI operate independently, although they use the same baud rate generator. During normal
operation, the CPU monitors the status of the SCI, writes the data to be transmitted, and processes
received data.
The baud rate clock source for the SCI can be selected via the configuration bit, SCIBDSRC, of the
CONFIG2 register ($001E).
Table 18-1. Pin Name Conventions
Generic Pin Names:
RxD
TxD
Full Pin Names:
PE1/RxD
PE0/TxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com