Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 198 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 198 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 194Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 195Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 196Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 197Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 198Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 199Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 200Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 201Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 202Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 286 page
background image
System Integration Module (SIM)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
198
Freescale Semiconductor
19.5.1.5 Interrupt Status Register 2
IF14–IF8 — Interrupt Flags 14–7
These flags indicate the presence of interrupt requests from the sources shown in Table 19-3.
1 = Interrupt request present
0 = No interrupt request present
Bit 0 — Always reads 0
19.5.1.6 Interrupt Status Register 3
Bits 7–2 — Always read 0
I16–I15 — Interrupt Flags 16–15
These flags indicate the presence of an interrupt request from the source shown in Table 19-3.
1 = Interrupt request present
0 = No interrupt request present
19.5.2 Reset
All reset sources always have equal and highest priority and cannot be arbitrated.
19.5.3 Break Interrupts
The break module can stop normal program flow at a software-programmable break point by asserting its
break interrupt output. See Chapter 22 Timer Interface Module (TIM). The SIM puts the CPU into the
break state by forcing it to the SWI vector location. Refer to the break interrupt subsection of each module
to see how each module is affected by the break state.
Address:
$FE05
Bit 7
654321
Bit 0
Read:
IF14
IF13
IF12
IF11
IF10
IF9
IF8
0
Write:
RRRRRRRR
Reset:
00000000
R= Reserved
Figure 19-13. Interrupt Status Register 2 (INT2)
Address:
$FE06
Bit 7
654321
Bit 0
Read:
000000
I16
I15
Write:
RRRRRRRR
Reset:
00000000
R= Reserved
Figure 19-14. Interrupt Status Register 3 (INT3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com