Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2595L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DATA SHEET
SE2595L
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
3
January 16, 2023
Table 1. SE2595L Pinout Discriptions
Pin
Name
Description
1
Ra
5 GHz receive output
2
VCC
Supply voltage, LNA
3
GND
Ground
4
Tg
2.4 GHz transmit input
5
Ta
5 GHz transmit input
6
GND
Ground
7
GND
Ground
8
GND
Ground
9
Det
Power detector, 2.5 and 5 GHz
10
ENa
5 GHz PA enable
11
ENg
2.4 GHz PA enable
12
VCC1
Supply voltage, driver stage
13
VCC2
Supply voltage, power stage
14
GND
Ground
15
GND
Ground
16
GND
Ground
17
GND
Ground
18
GND
Ground
19
GND
Ground
20
GND
Ground
21
ANT
Antenna
22
GND
Ground
23
RX
Rx switch select
24
TX
Tx switch select
25
NU
Not used
26
NU
Not used
27
GND
Ground
28
GND
Ground
29
GND
Ground
30
V_LNA
LNA enable
31
Bsel
LNA band select
32
Rg
2.4 GHz receive output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com