Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2595L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DATA SHEET
SE2595L
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
5
January 16, 2023
TxICq-A
Quiescentcurrent, 802.11a transmit supply
current
No RF applied
ENa = 3.3V, ENg = 0V, TX = 3.3V, RX = 0V
155
mA
RxICC-G
Total 802.11b/g receive supply current
V_LNA = 3.3 V, Bsel = 3.3 V, RX = 3.3 V, TX = 0 V
8.5
15
mA
RxICC-a
Total 802.11a receive supply current
V_LNA = 3.3 V, Bsel = 0 V, RX = 3.3 V, TX = 0 V
8.5
15
mA
Icc_off
Total supply current
No RF, ENg = ENa = 0 V, V_LNA = 0 V, TX = RX = 0 V
2
100
μA
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature
ranges. Operation at elevated temperatures may reduce reliability of the device.
Table 5. SE2595L Transmit Power Amplifier Logic Characteristics1
Conditions: VCC = 3.3 V, TA = 25 °C, as measured on Skyworks Solutions SE2595L-EV1 evaluation board (de-embedded to device), all
unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Venh
Logic High Voltage for ENg, ENa (Module On)
2.0
Vcc
V
Venl
Logic Low Voltage ENg, ENa (Module Off)
0
0.5
V
Ienh
Input Current Logic High Voltage (ENg, ENa)
100
150
μA
Ienl
Input Current Logic Low Voltage (ENg, ENa)
0.2
μA
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature
ranges. Operation at elevated temperatures may reduce reliability of the device.
Table 4. SE2595L DC Electrical Characteristics1 (Continued)
Conditions: VCC = 3.3 V, TA = 25 °C, as measured on Skyworks Solutions SE2595L-EV1 evaluation board (de-embedded to device), all
unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com