Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2595L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DATA SHEET
SE2595L
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
4
January 16, 2023
Electrical and Mechanical Specifications
The absolute maximum ratings of the SE2595L are provided in Table 2, recommended operating conditions are in
Table 3, followed by the other electrical specifications.
Table 2. SE2595L Absolute Maximum Ratings1
Symbol
Defunition
Min.
Max.
Unit
Vcc
Supply voltage
-0.3
4.2
V
PU
ENg, ENa, V_LNA, Bsel
-0.3
4.0
V
TXrf
Ta, Tg, ANT terminated into 50 Ω match
10.0
dBm
Ta
Operating temperature range
-40
85
°C
Tstg
Storage temperature range
-40
150
°C
ESD HBM
JEDEC JESD22-A114 all pins
150
V
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at
the limit and all other parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the
device.
ESD Handling: Industry-standard ESD handling precautions must be adhered to at all times to avoid damage to this
device.
Table 3. SE2595L Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Supply voltage
3.0
3.3
3.6
V
Ta
Ambient temperature
-40
25
85
°C
Table 4. SE2595L DC Electrical Characteristics1
Conditions: VCC = 3.3 V, TA = 25 °C, as measured on Skyworks Solutions SE2595L-EV1 evaluation board (de-embedded to device), all
unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TxICC-G
Total 802.11g transmit supply current
POUT = 17 dBm, 54 Mbps OFDM
signal, 64QAM,
ENg = 3.3 V, ENa = 0 V, TX = 3.3 V, RX = 0 V
180
mA
TxICq-G
Quiescentcurrent, 802.11g transmit supply
current
No RF applied
ENg = 3.3 V, ENa = 0 V, TX = 3.3V, RX = 0 V
110
mA
TxICC-A
Total 802.11a transmit supply current
POUT = 17 dBm, 54 Mbps OFDM
signal, 64QAM, ENa = 3.3 V, ENg = 0 V,
TX = 3.3 V, RX = 0 V
230
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com