Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2595L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATA SHEET
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
January 16, 2023
1
SE2595L: Dual-Band 802.11n Wireless LAN Front-End
Applications
• 802.11n, MIMO solutions
• IEEE802.11b DSSS WLAN
• IEEE802.11g OFDM WLAN
• IEEE802.11a OFDM WLAN
• Access points, PCMCIA, PC cards
Features
• One transmit and one receive path architecture for
use as MIMO building block
• All RF ports matched to 50 Ω
• Integrated 2.4/5 GHz PA, 2.4/5 GHz LNA,
TX filter, T/R switches and diplexers
• Integrated power detector
• 19 dBm O/P power, 802.11b, 11 Mbits,
ACPR = 32 dBc
• 18 dBm @ 3.0% EVM, 802.11g, 54 Mbits
• 16 dBm @ 3.0% EVM, 802.11a, 54 Mbits
• Single supply voltage: 3.3 V ±10%
• Lead free, halogen free and RoHS compliant
• Thin lead free plated package,
4 mm x 6 mm x 0.9 mm, MSL 3
Description
The SE2595L is a complete 802.11n WLAN RF front-
end module providing all the functionality of the
power amplifiers, LNA, power detector, T/R switch,
diplexers and associated matching. The SE2595L pro-
vides a complete 2.4 GHz and 5 GHz WLAN Multiple
Input, Multiple Output (MIMO) RF solution from the
output of the transceiver to the antennas in a compact
form factor.
The receive path is designed to maximize performance
by providing both a low noise amplifier as well as a
bypass state, for use when high power signals are
being received.
Designed for ease of use, all RF ports are matched to
50 Ω to simplify PCB layout and the interface to the
transceiver RFIC. The SE2595L also includes a transmit-
ter power detector for each band with 20 dB of
dynamic range. The power ramp rise/fall time is less
than 0.5 µs.
The device also provides band pass filters for both the
a and b/g bands prior to the input of each 2.4 GHz and
5 GHz power amplifiers, respectively.


Similar Part No. - SE2595L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2595L-R SIGE-SE2595L-R Datasheet
118Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
More results

Similar Description - SE2595L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2595L SIGE-SE2595L Datasheet
118Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
logo
Skyworks Solutions Inc.
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
Dual-Band 802.11n Wireless LAN Front-End
SKY85806-11 SKYWORKS-SKY85806-11_16 Datasheet
1Mb / 18P
Dual-Band 802.11a/g/n/ac Wireless LAN Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com